PART |
Description |
Maker |
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
MGA-665P8-BLK MGA-665P8-TR1 MGA-665P8 MGA-665P8-TR |
GaAs Enhancement-Mode PHEMT 0.5 6 GHz Low Noise Amplifier GaAs增强型PHEMT.56 GHz的低噪声放大 GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier From old datasheet system MGA-665P8 · MGA-665P8 0.5-6GHz Low Noise Amplifier
|
Avago Technologies, Ltd. Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
K4S64323LF-DG_S15 K4S64323LF-DG_S1H K4S64323LF-DG_ |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-SOIC -55 to 125 Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP -55 to 125
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
TGA8310 TGA8310-SCC |
Low-Noise Amplifier Monolithic low - noise distributed amplifier
|
TriQuint Semiconductor,Inc. TRIQUINT[TriQuint Semiconductor]
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
INA-12063 INA-12063-TR1 INA-12063-BLK |
1500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 1.5 GHz的低噪声自偏置晶体管放大 1.5 GHz Low Noise Self-Biased Transistor Amplifier
|
http://
|
AN-940 |
Low Noise Amplifier Selection Guide for Optimal Noise Performance
|
Analog Devices
|
2SK30ATM |
Low Noise Pre-Amplifier, Tone Control Amplifier and DC-AC High Input Impedance Amplifier Circuit Applications
|
Tiger Electronic Co.,Lt...
|